Part Number Hot Search : 
AMATR SI8469DB UPD7011 B5105 D2W202F ZMM5250 VC8825A M9564
Product Description
Full Text Search
 

To Download CDV18EF300J03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High-Frequency Capacitors for CATV and RF Applications
Types CD17, CD18 & CDV18, High-Frequency, Mica Capacitors
Types CD17 and CD18 assure controlled, reasonancefree performance through 1 GHz. Insertion loss data is typically flat within 0.1 dB over the entire frequency range, and is specified to be flat within 0.2 dB. Interchangeable with the most popular, common mica capacitors, Type CD17 is available in the same case sizes and lead spacing as CD15; CD18, in the same case sizes and lead spacing as CD19, and CDV18, in the same as CDV19.
Highlights
H Max. Measured at point where phenolic cone becomes a cylinder
.031.
S
.078. Max. no solder
1. Min.
* Shockproof and delamination free * Near zero capacitance change with (t), (V) and (f) * Very high Q at UHF/VHF frequencies * 0.0005 typical dissipation factor * 100,000 V/s dV/dt capability minimum * Low, notch-free impedance to beyond 1 GHz * Ultra low ESR for cool operation
Specifications
Voltage Range: Capacitance Range: Capacitance Tolerance: Temperature Range: 100 Vdc to 1,000 Vdc 1 pF to 5,100 pF 12 pF (D), 1 pF (C), 12% (E), 1% (F), 2% (G), 5% (J) -55 C to +150 C
Typical Perfomance Curves
CDE Cornell Dubilier*1605 E. Rodney French Blvd.*New Bedford, MA 02744*Ph: (508)996-8561*Fax: (508)996-3830* www.cde.com
Types CD17, CD18 & CDV18, High-Frequency, Mica Capacitors
Ratings
Cap. (pF) 1 2 3 4 5 6 7 8 9 10 12 15 18 20 22 24 27 27 30 30 33 33 36 36 39 39 43 43 47 47 50 50 51 51 56 56 62 62 68 68 75 75 82 82 91 91 100 100 110 110 120 120 130 130 150 150 160 160 180 180 200 200 220 220 240 240 250 Catalog Part Number CD17CD010D03 CD17CD020D03 CD17CD030D03 CD17CD040D03 CD17CD050D03 CD17CD060D03 CD17CD070D03 CD17CD080D03 CD17CD090D03 CD17CD100J03 CD17CD120J03 CD17CD150J03 CD17CD180J03 CD17ED200J03 CD17ED220J03 CD17ED240J03 CD17ED270J03 CDV18EF270J03 CD17ED300J03 CDV18EF300J03 CD17ED330J03 CDV18EF330J03 CD17ED360J03 CDV18EF360J03 CD17ED390J03 CDV18EF390J03 CD17ED430J03 CDV18EF430J03 CD17ED470J03 CDV18EF470J03 CD17ED500J03 CDV18EF500J03 CD17ED510J03 CDV18EF510J03 CD17ED560J03 CDV18EF560J03 CD17ED620J03 CDV18EF620J03 CD17ED680J03 CDV18EF680J03 CD17ED750J03 CDV18EF750J03 CD17ED820J03 CDV18EF820J03 CD17FD910J03 CDV18FF910J03 CD17FD101J03 CDV18FF101J03 CD17FD111J03 CDV18FF111J03 CD17FD121J03 CDV18FF121J03 CD17FD131J03 CDV18FF131J03 CD17FD151J03 CDV18FF151J03 CD17FD161J03 CDV18FF161J03 CD17FD181J03 CDV18FF181J03 CD17FD201J03 CDV18FF201J03 CD17FD221J03 CDV18FF221J03 CD17FD241J03 CDV18FF241J03 CD17FD251J03 Volt Rate 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 1000 500 1000 500 1000 500 1000 500 1000 500 1000 500 1000 500 1000 500 1000 500 1000 500 1000 500 1000 500 1000 500 1000 500 1000 500 1000 500 1000 500 1000 500 1000 500 1000 500 1000 500 1000 500 1000 500 1000 500 1000 500 L in (mm) .450 (11.4) .450 (11.4) .450 (11.4) .450 (11.4) .450 (11.4) .450 (11.4) .450 (11.4) .450 (11.4) .450 (11.4) .450 (11.4) .450 (11.4) .450 (11.4) .450 (11.4) .450 (11.4) .450 (11.4) .450 (11.4) .450 (11.4) .640 (16.3) .450 (11.4) .640 (16.3) .450 (11.4) .640 (16.3) .450 (11.4) .640 (16.3) .450 (11.4) .640 (16.3) .450 (11.4) .640 (16.3) .450 (11.4) .640 (16.3) .450 (11.4) .640 (16.3) .450 (11.4) .640 (16.3) .450 (11.4) .640 (16.3) .450 (11.4) .640 (16.3) .450 (11.4) .640 (16.3) .450 (11.4) .640 (16.3) .450 (11.4) .640 (16.3) .460 (11.4) .640 (16.3) .460 (11.4) .640 (16.3) .460 (11.4) .640 (16.3) .460 (11.7) .640 (16.3) .460 (11.7) .640 (16.3) .460 (11.7) .640 (16.3) .460 (11.7) .640 (16.3) .460 (11.7) .640 (16.3) .460 (11.7) .640 (16.3) .460 (11.7) .640 (16.3) .460 (11.7) .640 (16.3) .470 (11.9) H in (mm) .360 ( 9.1) .360 ( 9.1) .360 ( 9.1) .360 ( 9.1) .360 ( 9.1) .360 ( 9.1) .360 ( 9.1) .360 ( 9.1) .360 ( 9.1) .360 ( 9.1) .360 ( 9.1) .360 ( 9.1) .360 ( 9.1) .360 ( 9.1) .360 ( 9.1) .360 ( 9.1) .360 ( 9.1) .500 (12.7) .360 ( 9.1) .500 (12.7) .360 ( 9.1) .500 (12.7) .360 ( 9.1) .500 (12.7) .360 ( 9.1) .500 (12.7) .360 ( 9.1) .500 (12.7) .360 ( 9.1) .500 (12.7) .360 ( 9.1) .500 (12.7) .360 ( 9.1) .500 (12.7) .360 ( 9.1) .500 (12.7) .360 ( 9.1) .500 (12.7) .360 ( 9.1) .500 (12.7) .360 ( 9.1) .500 (12.7) .360 ( 9.1) .500 (12.7) .360 ( 9.1) .500 (12.7) .360 ( 9.1) .500 (12.7) .370 ( 9.4) .500 (12.7) .370 ( 9.4) .500 (12.7) .370 ( 9.4) .500 (12.7) .370 ( 9.4) .500 (12.7) .370 ( 9.4) .500 (12.7) .370 ( 9.4) .500 (12.7) .380 ( 9.7) .500 (12.7) .380 ( 9.7) .500 (12.7) .380 ( 9.7) .500 (12.7) .390 ( 9.9) T S in (mm) in (mm) .170 (4.3) .234 (5.9) .170 (4.3) .234 (5.9) .170 (4.3) .234 (5.9) .170 (4.3) .234 (5.9) .170 (4.3) .234 (5.9) .170 (4.3) .234 (5.9) .170 (4.3) .234 (5.9) .170 (4.3) .234 (5.9) .170 (4.3) .234 (5.9) .170 (4.3) .234 (5.9) .170 (4.3) .234 (5.9) .170 (4.3) .234 (5.9) .170 (4.3) .234 (5.9) .170 (4.3) .234 (5.9) .170 (4.3) .234 (5.9) .170 (4.3) .234 (5.9) .170 (4.3) .234 (5.9) .190 (4.8) .344 (8.7) .170 (4.3) .234 (5.9) .190 (4.8) .344 (8.7) .170 (4.3) .234 (5.9) .190 (4.8) .344 (8.7) .170 (4.3) .234 (5.9) .190 (4.8) .344 (8.7) .170 (4.3) .234 (5.9) .190 (4.8) .344 (8.7) .170 (4.3) .234 (5.9) .190 (4.8) .344 (8.7) .170 (4.3) .234 (5.9) .190 (4.8) .344 (8.7) .170 (4.3) .234 (5.9) .190 (4.8) .344 (8.7) .170 (4.3) .234 (5.9) .190 (4.8) .344 (8.7) .170 (4.3) .234 (5.9) .190 (4.8) .344 (8.7) .170 (4.3) .234 (5.9) .190 (4.8) .344 (8.7) .180 (4.6) .234 (5.9) .190 (4.8) .344 (8.7) .180 (4.6) .234 (5.9) .190 (4.8) .344 (8.7) .180 (4.6) .234 (5.9) .190 (4.8) .344 (8.7) .180 (4.6) .234 (5.9) .190 (4.8) .344 (8.7) .180 (4.6) .234 (5.9) .190 (4.8) .344 (8.7) .180 (4.6) .234 (5.9) .190 (4.8) .344 (8.7) .180 (4.6) .234 (5.9) .190 (4.8) .344 (8.7) .180 (4.6) .234 (5.9) .190 (4.8) .344 (8.7) .190 (4.8) .234 (5.9) .190 (4.8) .344 (8.7) .190 (4.8) .234 (5.9) .190 (4.8) .344 (8.7) .190 (4.8) .234 (5.9) .190 (4.8) .344 (8.7) .190 (4.8) .234 (5.9) .190 (4.8) .344 (8.7) .200 (5.1) .234 (5.9) .190 (4.8) .344 (8.7) .200 (5.1) .234 (5.9) .190 (4.8) .344 (8.7) .210 (5.3) .234 (5.9) D in (mm) .025 (.6) .025 (.6) .025 (.6) .025 (.6) .025 (.6) .025 (.6) .025 (.6) .025 (.6) .025 (.6) .025 (.6) .025 (.6) .025 (.6) .025 (.6) .025 (.6) .025 (.6) .025 (.6) .025 (.6) .032 (.8) .025 (.6) .032 (.8) .025 (.6) .032 (.8) .025 (.6) .032 (.8) .025 (.6) .032 (.8) .025 (.6) .032 (.8) .025 (.6) .032 (.8) .025 (.6) .032 (.8) .025 (.6) .032 (.8) .025 (.6) .032 (.8) .025 (.6) .032 (.8) .025 (.6) .032 (.8) .025 (.6) .032 (.8) .025 (.6) .032 (.8) .025 (.6) .032 (.8) .025 (.6) .032 (.8) .025 (.6) .032 (.8) .025 (.6) .032 (.8) .025 (.6) .032 (.8) .025 (.6) .032 (.8) .025 (.6) .032 (.8) .025 (.6) .032 (.8) .025 (.6) .032 (.8) .025 (.6) .032 (.8) .025 (.6) .032 (.8) .025 (.6) Cap. (pF) 270 270 270 300 300 300 330 330 330 360 360 360 390 390 390 430 430 430 470 470 470 500 500 510 510 510 560 560 560 620 620 620 680 680 680 750 750 750 820 820 820 910 910 1000 1000 1100 1100 1200 1200 1300 1500 1500 1600 1800 2000 2200 2400 2500 2700 3000 3300 3600 3900 4300 4700 5000 5100 Catalog Part Number CD17FD271J03 CD18FD271J03 CDV18FF271J03 CD17FD301J03 CD18FD301J03 CDV18FF301J03 CD17FD331J03 CD18FD331J03 CDV18FF331J03 CD17FD361J03 CD18FD361J03 CDV18FF361J03 CD17FD391J03 CD18FD391J03 CDV18FF391J03 CD17FD431J03 CD18FD431J03 CDV18FF431J03 CD17FD471J03 CD18FD471J03 CDV18FF471J03 CD17FD501J03 CD18FD501J03 CD17FD511J03 CD18FD511J03 CDV18FF511J03 CD17FC561J03 CD18FD561J03 CDV18FF561J03 CD17FC621J03 CD18FD621J03 CDV18FF621J03 CD17FC681J03 CD18FD681J03 CDV18FF681J03 CD17FC751J03 CD18FD751J03 CDV18FF751J03 CD17FC821J03 CD18FD821J03 CDV18FF821J03 CD17FA911J03 CD18FD911J03 CD17FA102J03 CD18FD102J03 CD17FA112J03 CD18FD112J03 CD17FA122J03 CD18FD122J03 CD18FD132J03 CD17FA152J03 CD18FD152J03 CD18FD162J03 CD18FD182J03 CD18FD202J03 CD18FD222J03 CD18FD242J03 CD18FD252J03 CD18FD272J03 CD18FD302J03 CD18FD332J03 CD18FD362J03 CD18FD392J03 CD18FD432J03 CD18FD472J03 CD18FD502J03 CD18FD512J03 Volt Rate 500 500 1000 500 500 1000 500 500 1000 500 500 1000 500 500 1000 500 500 1000 500 500 1000 500 500 500 500 1000 300 500 1000 300 500 1000 300 500 1000 300 500 1000 300 500 1000 100 500 100 500 100 500 100 500 500 100 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 L in (mm) .470 (11.9) .640 (16.3) .640 (16.3) .470 (11.9) .640 (16.3) .650 (16.5) .470 (11.9) .640 (16.3) .650 (16.5) .470 (11.9) .640 (16.3) .650 (16.5) .470 (11.9) .640 (16.3) .650 (16.5) .470 (11.9) .640 (16.3) .650 (16.5) .470 (11.9) .640 (16.3) .650 (16.5) .470 (11.9) .640 (16.3) .470 (11.9) .640 (16.3) .650 (16.5) .460 (11.7) .650 (16.5) .650 (16.5) .460 (11.7) .650 (16.5) .660 (16.8) .470 (11.9) .650 (16.5) .660 (16.8) .470 (11.9) .650 (16.5) .660 (16.8) .470 (11.9) .650 (16.5) .660 (16.8) .470 (11.9) .650 (16.5) .480 (12.2) .650 (16.5) .490 (12.4) .650 (16.5) .490 (12.4) .660 (16.8) .660 (16.8) .500 (12.7) .660 (16.8) .660 (16.8) .670 (17.0) .670 (17.0) .670 (17.0) .670 (17.0) .680 (17.3) .680 (17.3) .680 (17.3) .680 (17.3) .680 (17.3) .690 (17.5) .690 (17.5) .700 (17.8) .710 (18.0) .710 (18.0) H in (mm) .390 ( 9.9) .500 (12.7) .500 (12.7) .390 ( 9.9) .500 (12.7) .510 (13.0) .390 ( 9.9) .500 (12.7) .510 (13.0) .390 ( 9.9) .510 (13.0) .510 (13.0) .390 ( 9.9) .510 (13.0) .510 (13.0) .400 (10.2) .510 (13.0) .510 (13.0) .400 (10.2) .510 (13.0) .510 (13.0) .400 (10.2) .510 (13.0) .400 (10.2) .510 (13.0) .510 (13.0) .380 ( 9.7) .510 (13.0) .510 (13.0) .380 ( 9.7) .510 (13.0) .520 (13.2) .390 ( 9.9) .510 (13.0) .520 (13.2) .390 ( 9.9) .510 (13.0) .530 (13.5) .390 ( 9.9) .510 (13.0) .530 (13.5) .390 ( 9.9) .510 (13.0) .400 (10.2) .520 (13.2) .420 (10.7) .520 (13.2) .420 (10.7) .520 (13.2) .520 (13.2) .430 (10.9) .520 (13.2) .530 (13.5) .530 (13.5) .530 (13.5) .530 (13.5) .540 (13.7) .540 (13.7) .540 (13.7) .550 (14.0) .550 (14.0) .560 (14.2) .560 (14.2) .570 (14.5) .580 (14.7) .590 (15.0) .590 (15.0) T S in (mm) in (mm) .210 (5.3) .234 (5.9) .190 (4.8) .344 (8.7) .190 (4.8) .344 (8.7) .210 (5.3) .234 (5.9) .190 (4.8) .344 (8.7) .200 (5.1) .344 (8.7) .210 (5.3) .234 (5.9) .190 (4.8) .344 (8.7) .200 (5.1) .344 (8.7) .210 (5.3) .234 (5.9) .200 (5.1) .344 (8.7) .200 (5.1) .344 (8.7) .210 (5.3) .234 (5.9) .200 (5.1) .344 (8.7) .210 (5.3) .344 (8.7) .220 (5.6) .234 (5.9) .200 (5.1) .344 (8.7) .210 (5.3) .344 (8.7) .220 (5.6) .234 (5.9) .200 (5.1) .344 (8.7) .210 (5.3) .344 (8.7) .220 (5.6) .234 (5.9) .200 (5.1) .344 (8.7) .220 (5.6) .234 (5.9) .200 (5.1) .344 (8.7) .210 (5.3) .344 (8.7) .210 (5.3) .234 (5.9) .200 (5.1) .344 (8.7) .210 (5.3) .344 (8.7) .210 (5.3) .234 (5.9) .200 (5.1) .344 (8.7) .220 (5.6) .344 (8.7) .210 (5.3) .234 (5.9) .210 (5.3) .344 (8.7) .220 (5.6) .344 (8.7) .210 (5.3) .234 (5.9) .210 (5.3) .344 (8.7) .230 (5.8) .344 (8.7) .210 (5.3) .234 (5.9) .210 (5.3) .344 (8.7) .230 (5.8) .344 (8.7) .220 (5.6) .234 (5.9) .210 (5.3) .344 (8.7) .230 (5.8) .234 (5.9) .220 (5.6) .344 (8.7) .240 (6.1) .234 (5.9) .220 (5.6) .344 (8.7) .240 (6.1) .234 (5.9) .220 (5.6) .344 (8.7) .220 (5.6) .344 (8.7) .250 (6.4) .234 (5.9) .230 (5.8) .344 (8.7) .230 (5.8) .344 (8.7) .240 (6.1) .344 (8.7) .240 (6.1) .344 (8.7) .250 (6.4) .344 (8.7) .260 (6.6) .344 (8.7) .260 (6.6) .344 (8.7) .270 (6.9) .344 (8.7) .280 (7.1) .344 (8.7) .290 (7.4) .344 (8.7) .300 (7.6) .344 (8.7) .310 (7.9) .344 (8.7) .330 (8.4) .344 (8.7) .350 (8.9) .344 (8.7) .370 (9.4) .344 (8.7) .370 (9.4) .344 (8.7) D in (mm) .025 (.6) .032 (.8) .032 (.8) .025 (.6) .032 (.8) .032 (.8) .025 (.6) .032 (.8) .032 (.8) .025 (.6) .032 (.8) .032 (.8) .025 (.6) .032 (.8) .032 (.8) .025 (.6) .032 (.8) .032 (.8) .025 (.6) .032 (.8) .032 (.8) .025 (.6) .032 (.8) .025 (.6) .032 (.8) .032 (.8) .025 (.6) .032 (.8) .032 (.8) .025 (.6) .032 (.8) .032 (.8) .025 (.6) .032 (.8) .032 (.8) .025 (.6) .032 (.8) .032 (.8) .025 (.6) .032 (.8) .032 (.8) .025 (.6) .032 (.8) .025 (.6) .032 (.8) .025 (.6) .032 (.8) .025 (.6) .032 (.8) .032 (.8) .025 (.6) .032 (.8) .032 (.8) .032 (.8) .032 (.8) .032 (.8) .032 (.8) .032 (.8) .032 (.8) .032 (.8) .032 (.8) .032 (.8) .032 (.8) .032 (.8) .032 (.8) .032 (.8) .032 (.8)
CDE Cornell Dubilier*1605 E. Rodney French Blvd.*New Bedford, MA 02744*Ph: (508)996-8561*Fax: (508)996-3830* www.cde.com


▲Up To Search▲   

 
Price & Availability of CDV18EF300J03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X